PART |
Description |
Maker |
UPD23C32380GZ-MJH UPD23C32340GZ-MJH UPD23C32340F9- |
32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE 32兆位掩膜可编程ROM的分位(字节模式 200万字6位(字模式)页面访问模式 CAP 3PF 16V /-0.1PF THIN-FILM SN90/PB10/NI 30PPM TR-7-PA
|
http:// NEC, Corp. NEC Corp.
|
FAN6921ML FAN6921MLMY |
Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
|
Fairchild Semiconductor
|
FL7921R |
Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Lighting Controller
|
ON Semiconductor
|
ICE3BS02L |
Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell and Latched off Mode
|
INFINEON[Infineon Technologies AG]
|
MB82DBS02163E-70L |
32 Mbit Mobile FCRAM 1.8 V, Burst Mode & Page Mode
|
Fujitsu Limited Fujitsu Component Limited. Fujitsu Media Devices Limited
|
UPD23C32380GZ-XXX-MJH UPD23C32340 UPD23C32340F9-BC |
32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
|
NEC[NEC]
|
SC16C852LIB SC16C852L SC16C852LIBS |
1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
|
Philips Semiconductors NXP Semiconductors
|
SC16C850LIET |
1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface
|
NXP Semiconductors
|
ICE3BR1065J11 |
Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS? and Startup cell (frequency jitter Mode) in DIP-8
|
Infineon Technologies AG
|
LDM-0980-002W-35 |
Lasing Mode Structure: multi mode Peak Wavelength : typ. 980 nm Optical Ouput Power: 2 W Package: TO-3, without Photodiode
|
Roithner LaserTechnik G...
|
AA-0221-10 FF-0221-10 CC-0221-XXM 0221 AA-0221-2 A |
designed to provide common mode and differential mode filtering for power supply inputs of computer peripheral and other electronic hardware
|
JMK Inc.
|